Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COP688GD Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce COP688GD
Description  8-Bit CMOS ROM Based Microcontrollers with 16k
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688GD Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  COP688GD Datasheet HTML 1Page - National Semiconductor (TI) COP688GD Datasheet HTML 2Page - National Semiconductor (TI) COP688GD Datasheet HTML 3Page - National Semiconductor (TI) COP688GD Datasheet HTML 4Page - National Semiconductor (TI) COP688GD Datasheet HTML 5Page - National Semiconductor (TI) COP688GD Datasheet HTML 6Page - National Semiconductor (TI) COP688GD Datasheet HTML 7Page - National Semiconductor (TI) COP688GD Datasheet HTML 8Page - National Semiconductor (TI) COP688GD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Connection Diagrams (Continued)
Pinouts for 44-Pin Package
Port
Type
Alt. Fun
Alt. Fun
44-Pin
Pack.
L0
I/O
MIWU
17
L1
I/O
MIWU
18
L2
I/O
MIWU
19
L3
I/O
MIWU
20
L4
I/O
MIWU
T2A
25
L5
I/O
MIWU
T2B
26
L6
I/O
MIWU
T3A
27
L7
I/O
MIWU
T3B
28
G0
I/O
INT
39
G1
WDOUT
40
G2
I/O
T1B
41
G3
I/O
T1A
42
G4
I/O
SO
3
G5
I/O
SK
4
G6
I
SI
5
G7
I/CKO
HALT Restart
6
D0
O
29
D1
O
30
D2
O
31
D3
O
32
D4
O
33
D5
O
34
D6
O
35
D7
O
36
I0
I
ACH0
9
I1
I
ACH1
10
I2
I
ACH2
11
I3
I
ACH3
12
I4
I
ACH4
13
I5
I
ACH5
14
I6
I
ACH6
15
I7
I
ACH7
16
C0
I/O
43
C1
I/O
44
C2
I/O
1
C3
I/O
2
C4
I/O
21
C5
I/O
22
C6
I/O
23
C7
I/O
24
V
CC
8
GND
37
CKI
7
RESET
38
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42