Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLSR32-P Fiches technique(PDF) 13 Page - LEM

No de pièce HLSR32-P
Description  Current Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR32-P Fiches technique(HTML) 13 Page - LEM

Back Button HLSR32-P Datasheet HTML 5Page - LEM HLSR32-P Datasheet HTML 6Page - LEM HLSR32-P Datasheet HTML 7Page - LEM HLSR32-P Datasheet HTML 8Page - LEM HLSR32-P Datasheet HTML 9Page - LEM HLSR32-P Datasheet HTML 10Page - LEM HLSR32-P Datasheet HTML 11Page - LEM HLSR32-P Datasheet HTML 12Page - LEM HLSR32-P Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Page 13/13
16December2013/Version 6 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-P series
HLSR-P series Dimensions (in mm. General linear tolerance ± 0.2 mm)
Remarks
● V
out is positive with respect to Vref when positive IP flows in direction of the arrow shown on the drawing above
● Installation of the transducer must be done unless otherwise specified on the datasheet, according to LEM Transducer
Generic Mounting Rules. Please refer to LEM document N°ANE120504 available on our Web site:
Products/Product
Documentation.
Connection
U
c
V
out
V
ref
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13