Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAS Fiches technique(PDF) 16 Page - LEM

No de pièce CAS
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS Fiches technique(HTML) 16 Page - LEM

Back Button CAS Datasheet HTML 8Page - LEM CAS Datasheet HTML 9Page - LEM CAS Datasheet HTML 10Page - LEM CAS Datasheet HTML 11Page - LEM CAS Datasheet HTML 12Page - LEM CAS Datasheet HTML 13Page - LEM CAS Datasheet HTML 14Page - LEM CAS Datasheet HTML 15Page - LEM CAS Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Page 16/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Dimensions CAS Series (in mm. General linear tolerance ± 0.25 mm)
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16