| Moteur de recherche de fiches techniques de composants électroniques |
|
C2225H393DGGACTU Fiches technique(PDF) 4 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C2225H393DGGACTU Fiches technique(HTML) 4 Page - Kemet Corporation |
|
4 / 26 page ![]() © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 4 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Dimensions – Millimeters (Inches) L B W S T EIA Size Code Metric Size Code L Length W Width T Thickness B Bandwidth S Separation Minimum Mounting Technique 0805 2012 2.00 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008) See Table 2 for Thickness 0.50 (0.02) ± 0.25 (.010) 0.75 (.030) "Solder Wave or Solder Reflow" 1206 3216 3.20 (.126) ± 0.20 (.008) 1.60 (.063) ± 0.20 (.008) 0.50 (0.02) ± 0.25 (.010) N/A 1210 3225 3.20 (.126) ± 0.20 (.008) 2.50 (.098) ± 0.20 (.008) 0.50 (0.02) ± 0.25 (.010) Solder Reflow Only 1808 4520 4.70 (.185) ± 0.50 (.020) 2.00 (.079) ± 0.20 (.008) 0.60 (.024) ± 0.35 (.014) 1812 4532 4.50 (.177) ± 0.30 (.012) 3.20 (.126) ± 0.30 (.012) 0.60 (.024) ± 0.35 (.014) 1825 4564 4.50 (.177) ± 0.30 (.012) 6.40 (.252) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) 2220 5650 5.70 (.224) ± 0.40 (.016) 5.00 (.197) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) 2225 5664 5.60 (.220) ± 0.40 (.016) 6.40 (.248) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) 2824 7260 7.10 (.280) ± 0.40 (.016) 6.10 (.240) ± 0.40 (.016) 1.27 (.050) ± 0.40 (.016) 3040 7610 7.60 (.300) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016) 1.27 (.050) ± 0.40 (.016) 3640 9210 9.10 (.358) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016) 1.27 (.050) ± 0.40 (.016) 4540 - 11.40 (.449) ± 0.40 (.016) 10.20 (.402) ± 0.40 (.016) 1.27 (.050) ± 0.40 (.016) |