| Moteur de recherche de fiches techniques de composants électroniques |
|
C1210H393DGGACTU Fiches technique(PDF) 5 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C1210H393DGGACTU Fiches technique(HTML) 5 Page - Kemet Corporation |
|
5 / 26 page ![]() © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 5 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°C to +200°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±30 ppm/ºC (up to +200ºC) Aging Rate (Maximum % Capacitance Loss/Decade Hour) 0% 1 Dielectric Withstanding Voltage (DWV) 150% of rated voltage for voltage rating of < 1000 V 120% of rated voltage for voltage rating of ≥ 1000 V (5 ±1 seconds and charge/discharge not exceeding 50 mA) 2 Dissipation Factor (DF) Maximum Limit @ 25ºC 0.1% 3 Insulation Resistance (IR) Minimum Limit @ 25°C 1000 megohm microfarads or 100 GΩ (500 VDC applied for 120 ±5 secs @ 25°C) 1 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 2 Capacitance and dissipation factor (DF) measured under the following conditions: 1 MHz ±100 kHz and 1.0 Vrms ±0.2 V if capacitance ≤ 1,000 pF 1 kHz ± 50 Hz and 1.0 Vrms ±0.2 V if capacitance > 1,000 pF 3 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3% or ±0.25 pF 10% of Initial Limit |