| Moteur de recherche de fiches techniques de composants électroniques |
|
COP884CL-XXX/WM Fiches technique(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP884CL-XXX/WM Fiches technique(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 40 page ![]() Pin Descriptions (Continued) Port G has the following dedicated functions G1 WDOUT WATCHDOG andor Clock Monitor dedicated output G7 CKO Oscillator dedicated output or general purpose input Port C is an 8-bit IO port The 40-pin device does not have a full complement of Port C pins The unavailable pins are not terminated A read operation for these unterminated pins will return unpredictable values Port I is an 8-bit Hi-Z input port The 40-pin device does not have a full complement of Port I pins Pins 15 and 16 on this package must be connected to GND The 28-pin device has four I pins (I0 I1 I4 I5) The user should pay attention when reading port I to the fact that I4 and I5 are in bit positions 4 and 5 rather than 2 and 3 The unavailable pins (I4 – I7) are not terminated ie they are floating A read operation for these unterminated pins will return unpredictable values The user must ensure that the software takes into account by either masking or restricting the accesses to bit operations The unterminated port I pins will draw power only when addressed Port D is an 8-bit output port that is preset high when RE- SET goes low The user can tie two or more D port outputs (except D2) together in order to get a higher drive Note Care must be exercised with the D2 pin operation At RESET the external loads on this pin must ensure that the output voltages stay above 08 VCC to prevent the chip from entering special modes Also keep the external loading on D2 to less than 1000 pF Functional Description The architecture of the device is modified Harvard architec- ture With the Harvard architecture the control store pro- gram memory (ROM) is separated from the data store mem- ory (RAM) Both ROM and RAM have their own separate addressing space with separate address buses The archi- tecture though based on Harvard architecture permits transfer of data from ROM to RAM CPU REGISTERS The CPU can do an 8-bit addition subtraction logical or shift operation in one instruction (tc) cycle time There are five CPU registers A is the 8-bit Accumulator Register PC is the 15-bit Program Counter Register PU is the upper 7 bits of the program counter (PC) PL is the lower 8 bits of the program counter (PC) B is an 8-bit RAM address pointer which can be optionally post auto incremented or decremented X is an 8-bit alternate RAM address pointer which can be optionally post auto incremented or decremented SP is the 8-bit stack pointer which points to the subroutine interrupt stack (in RAM) The SP is initialized to RAM ad- dress 06F with reset All the CPU registers are memory mapped with the excep- tion of the Accumulator (A) and the Program Counter (PC) PROGRAM MEMORY Program memory consists of 4096 bytes of ROM These bytes may hold program instructions or constant data (data tables for the LAID instruction jump vectors for the JID in- struction and interrupt vectors for the VIS instruction) The program memory is addressed by the 15-bit program coun- ter (PC) All interrupts vector to program memory location 0FF Hex DATA MEMORY The data memory address space includes the on-chip RAM and data registers the IO registers (Configuration Data and Pin) the control registers the MICROWIREPLUS SIO shift register and the various registers and counters asso- ciated with the timers (with the exception of the IDLE timer) Data memory is addressed directly by the instruction or indi- rectly by the B X and SP pointers The device has 128 bytes of RAM Sixteen bytes of RAM are mapped as ‘‘registers’’ at addresses 0F0 to 0FF Hex These registers can be loaded immediately and also decre- mented and tested with the DRSZ (decrement register and skip if zero) instruction The memory pointer registers X SP and B are memory mapped into this space at address loca- tions 0FC to 0FE Hex respectively with the other registers (other than reserved register 0FF) being available for gener- al usage The instruction set permits any bit in memory to be set reset or tested All IO and registers (except A and PC) are memory mapped therefore IO bits and register bits can be directly and individually set reset and tested The accumu- lator (A) bits can also be directly and individually tested Note RAM contents are undefined upon power-up Reset The RESET input when pulled low initializes the microcon- troller Initialization will occur whenever the RESET input is pulled low Upon initialization the data and configuration registers for Ports L G and C are cleared resulting in these Ports being initialized to the TRI-STATE mode Pin G1 of the G Port is an exception (as noted below) since pin G1 is dedicated as the WATCHDOG andor Clock Monitor error output pin Port D is initialized high with RESET The PC PSW CNTRL ICNTRL and T2CNTRL control registers are cleared The Multi-Input Wakeup registers WKEN WKEDG and WKPND are cleared The Stack Pointer SP is initial- ized to 06F Hex The device comes out of reset with both the WATCHDOG logic and the Clock Monitor detector armed and with both the WATCHDOG service window bits set and the Clock Monitor bit set The WATCHDOG and Clock Monitor detec- tor circuits are inhibited during reset The WATCHDOG serv- ice window bits are initialized to the maximum WATCHDOG service window of 64k tc clock cycles The Clock Monitor bit is initialized high and will cause a Clock Monitor error fol- lowing reset if the clock has not reached the minimum spec- ified frequency at the termination of reset A Clock Monitor error will cause an active low error output on pin G1 This error output will continue until 16 – 32 tc clock cycles follow- ing the clock frequency reaching the minimum specified val- ue at which time the G1 output will enter the TRI-STATE mode The external RC network shown in Figure 4 should be used to ensure that the RESET pin is held low until the power supply to the chip stabilizes http www nationalcom 12 |