| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX16838B Fiches technique(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX16838B Fiches technique(HTML) 2 Page - Maxim Integrated Products |
|
2 / 21 page ![]() IN, OUT_, DRAIN to SGND ..................................-0.3V to +45V EN to SGND...............................................-0.3V to (VIN + 0.3V) PGND to SGND....................................................-0.3V to +0.3V LEDGND to SGND...............................................-0.3V to +0.3V DRV to PGND .........-0.3V to the lower of (VIN + 0.3V) and +6V GATE to PGND .......................................................-0.3V to +6V NDRV to PGND...................................... -0.3V to (VDRV + 0.3V) VCC, FLT, DIM, CS, OV, CFB, to SGND.................-0.3V to +6V RT, COMP, ISET to SGND ....................... -0.3V to (VCC + 0.3V) DRAIN and CS Continuous Current...................................±2.5A OUT_ Continuous Current................................................175mA VDRV Short-Circuit Duration......................................Continuous Continuous Power Dissipation (TA = +70ºC) 20-Pin TQFN (derate 25.6mW/ºC above +70ºC) ......2051mW 20-Pin TSSOP (derate 26.5mW/ºC above +70ºC)....2122mW Operating Temperature Range..........................-40ºC to +125°C Junction Temperature......................................................+150°C Storage Temperature Range.............................-65ºC to +150°C Soldering Temperature (reflow).......................................+260°C TQFN Juction-to-Ambient Thermal Resistance (θJA) ..........+39°C/W Junction-to-Case Thermal Resistance (θJC)...............+6°C/W TSSOP Junction-to-Ambient Thermal Resistance (θJA) .....+37.7°C/W Junction-to-Case Thermal Resistance (θJC)...............+2°C/W (Note 1) (VIN = VEN = 12V, RRT = 12.2kΩ, RISET = 15kΩ, CVCC = 1µF, VCC = VDRV = VCFB, DRAIN, COMP, OUT_, FLT = unconnected, VOV = VCS = VLEDGND = VDIM = VPGND = VSGND = 0V, VGATE = VNDRV, TA = TJ = -40ºC to +125°C, unless otherwise noted. Typical values are at TA = 25°C.) (Note 2) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Input Voltage Range VIN Internal LDO on 4.75 40 V Input Voltage Range VIN VIN = VCC 4.55 5.5 V Quiescent Supply Current IQ VDIM = 5V 3.1 5 mA Standby Supply Current ISH VEN = SGND (Note 3) 15.5 40 µA Undervoltage Lockout UVLOIN VIN rising, VDIM = 5V 4 4.3 4.55 V Undervoltage Lockout Hysteresis 177 mV DRV REGULATOR Output Voltage VDRV 5.75V < VIN < 10V, 0.1mA < ILOAD < 30mA 4.75 5 5.25 V 6.5V < VIN < 40V, 0.1mA < ILOAD < 3mA Dropout Voltage VDO (VIN - VDRV) VIN = 4.75V, IOUT = 30mA 0.11 0.5 V Short-Circuit Current Limit DRV shorted to GND 97 mA VCC Undervoltage Lockout Threshold UVLOVCC VCC rising 3.4 4.0 4.4 V VCC (UVLO) Hysteresis 123 mV MAX16838B Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller www.maximintegrated.com Maxim Integrated │ 2 Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial. Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Package Thermal Characteristics Electrical Characteristics |