Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F002BB-70 Fiches technique(PDF) 37 Page - Advanced Micro Devices

No de pièce AM29F002BB-70
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-70 Fiches technique(HTML) 37 Page - Advanced Micro Devices

Back Button AM29F002BB-70 Datasheet HTML 32Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 33Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 34Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 35Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 36Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 37Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 38Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 39Page - Advanced Micro Devices AM29F002BB-70 Datasheet HTML 40Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
36
Am29F002B/Am29F002NB
November 28, 2000
PHYSICAL DIMENSIONS
PD 032—32-Pin Plastic DIP
Dwg rev AD; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40