Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79R70 Fiches technique(PDF) 4 Page - Advanced Micro Devices

No de pièce AM79R70
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70 Fiches technique(HTML) 4 Page - Advanced Micro Devices

  AM79R70 Datasheet HTML 1Page - Advanced Micro Devices AM79R70 Datasheet HTML 2Page - Advanced Micro Devices AM79R70 Datasheet HTML 3Page - Advanced Micro Devices AM79R70 Datasheet HTML 4Page - Advanced Micro Devices AM79R70 Datasheet HTML 5Page - Advanced Micro Devices AM79R70 Datasheet HTML 6Page - Advanced Micro Devices AM79R70 Datasheet HTML 7Page - Advanced Micro Devices AM79R70 Datasheet HTML 8Page - Advanced Micro Devices AM79R70 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
P R E L I M I N A R Y
4
Am79R70 Data Sheet
CONNECTION DIAGRAM
Top View
32-Pin PLCC
RTRIP1
4
3
2
1
32
31 30
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
D1
HPB
HPA
VNEG
RSN
26
27
28
29
RYOUT1
C2
RYE
VTX
B2EN
RDCR
VBAT1
E1
C3
RTRIP2
RINGIN
Notes:
1. Pin 1 is marked for orientation.
2. NC = No connect
DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17