| Moteur de recherche de fiches techniques de composants électroniques |
|
TTP239 Fiches technique(PDF) 2 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP239 Fiches technique(HTML) 2 Page - Tontek Design Technology |
|
2 / 16 page ![]() TTP239 2016/3/7 Page 2 of 16 Version:1.1 Block diagram TEST SLSERT MOT1 MOT0 LVREN SM SAHL REGEN LPM A0 Register Counter & Sensor & REF Control Circuit TP7 TP6 TP5 TP4 TP3 TP2 TP1 TP0 Control Detecting Circuit System Oscillator Circuit Timing Counter and and Key Scanning Circuit Function Control TPQ7 TPQ6 TPQ5 TPQ4 TPQ3 TPQ2 TPQ1 TPQ0 Register and Output Buffer Output data Control Circuit I2C-bus interface SDA SDO SCL Control Circuit Serial Output Buffer and System Power On Circuit Circuit Regulator VREG Control Circuit Function Option Circuit and Sense Port Pin Description Pad NO Pad Name Type Pad Description 1 TP7 I/O Touch pad input pin 2 TP6 I/O Touch pad input pin 3 TP5 I/O Touch pad input pin 4 TP4 I/O Touch pad input pin 5 TP3 I/O Touch pad input pin 6 TP2 I/O Touch pad input pin 7 TP1 I/O Touch pad input pin 8 TP0 I/O Touch pad input pin 9 LPM I-PH Low power/fast mode option 1(Default)=>Low power mode; 0=>Fast mode 10 REGEN I-PH Internal regulator enable/disable function option 1(Default)=>enable; 0=>disable 11 TEST I-PL Only for test 12 TPQ0 O Direct output for TP0 touch input pin 13 TPQ1 O Direct output for TP1 touch input pin 14 VDD P Positive power supply |