Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBS6-LED5-4 Fiches technique(PDF) 71 Page - Lumberg

No de pièce ASBS6-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 Fiches technique(HTML) 71 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 67Page - Lumberg ASBS6-LED5-4 Datasheet HTML 68Page - Lumberg ASBS6-LED5-4 Datasheet HTML 69Page - Lumberg ASBS6-LED5-4 Datasheet HTML 70Page - Lumberg ASBS6-LED5-4 Datasheet HTML 71Page - Lumberg ASBS6-LED5-4 Datasheet HTML 72Page - Lumberg ASBS6-LED5-4 Datasheet HTML 73Page - Lumberg ASBS6-LED5-4 Datasheet HTML 74Page - Lumberg ASBS6-LED5-4 Datasheet HTML 75Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
71
M12-Round Connectors In Accordance with IEC 61076-2-101
M12-Field Attachable Connectors
RSCS | 0976 PMC 101
RSCQS | 0976 PMC 102 | 0986 EMC 102
Part No.
RSCS 4/9
RSCS 5/9
RSCS 8/9
0976 PMC 101
Part No.
RSCQS 3/9
RSCQS 4/9
0976 PMC 102
0986 EMC 102
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight, 4-,
5- and 8-Poles with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
0976 PMC 101: 5-Poles (only), B Coding, especially
suitable for Profibus Signal Cable: 0975 254 000/...M
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight, 3-,
4- and 5-Poles with Threaded Joint, Shieldable,
Assembling with Spring-Type Terminals. IP 67 Rated.
0976 PMC 102: 5-Poles (only), B Coding, especially
suitable for Profibus Signal Cable: 0975 254 000/...M
0986 EMC 102: 4-Poles (only), D Coding,
especially designed for Industrial Ethernet and
Profinet data cable 0985 342 00/...M
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
RKC
RKCW
M12 Field Attachable, Female Straight
Field Attachable Connector, M12 Female Straight 3-,
4-, 5- and 8-Poles with Threaded Joint, Assembling
with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
3/7: Ø 3,5-6,5 mm
3/9: Ø 4,0-8,0 mm
4/7: Ø 3,0-6,5 mm
4/9: Ø 4,0-8,0 mm
5/7: Ø 3,5-6,5 mm
5/9: Ø 4,0-8,0 mm
8/9: Ø 4,0-8,0 mm
M12 Field Attachable, Female 90˚
Field Attachable Connector, M12 Female 90
˚ 3-, 4-,
5- and 8-Poles with Threaded Joint, Assembling with
Screw Terminals. IP 67 Rated.
Screw Joints for Cables
3/7: Ø 3,5-6,5 mm
3/9: Ø 4,0-8,0 mm
4/7: Ø 3,0-6,5 mm
4/9: Ø 4,0-8,0 mm
5/7: Ø 3,5-6,5 mm
5/9: Ø 4,0-8,0 mm
8/9: Ø 4,0-8,0 mm
Part No.
RKC 4/3/7
RKC 4/3/9
RKC 4 /7
RKC 4 /9
RKC 5/7
RKC 5/9
RKC 8/9
Part No.
RKCW 4/3/7
RKCW 4/3/9
RKCW 4 /7
RKCW 4 /9
RKCW 5/7
RKCW 5/9
RKCW 8/9
Field Attachable
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More