Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC28-4SCATV Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce SC28-4SCATV
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-4SCATV Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SC28-4SCATV Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 9Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 10Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 11Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 12Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 13Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 14Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 15Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
18
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Siding Clips
• Secures coaxial cable runs to aluminum, vinyl or steel siding.
• High density UV stabilized outdoor polypropylene.
• Available in natural (clear) or black.
Part Number
Description
Inner
Pack
Outer
Pack
12-01401
Horizontal Siding Clip - Natural
100
1,000
12-01402
Vertical Siding Clip - Natural
100
1,000
12-01501
Horizontal Siding Clip - Black
100
1,000
12-01502
Vertical Siding Clip - Black
100
1,000
12-01401
12-01501
12-01402
12-01502
Diamond
® Drop Hardware
Cable Clips, Cable Clamps,
"E" Drop Wire Clamp
• Used to secure telephone drop wire cable runs.
• Mechanically galvanized ASTM B695.
• Transverse ribs grip cable to prevent abrasion.
Part Number
Description
Inner
Pack
Outer
Pack
23-80361
"E" Drop Wire Clamp, One Pair, Steel
50
2,000
23-80363
"E" Drop Wire Clamp, One Pair, Steel, Box of 50
1
40
23-80370
"E" Drop Wire Clamp, Two Pair, Steel
50
2,000
23-83361
"E" Drop Wire Clamp, Six Pair, Steel
50
2,000
40-80365
"E" Drop Wire Clamp, Coax, Aluminum
--
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16