Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6059C Fiches technique(PDF) 1 Page - Alpha Wire

No de pièce 6059C
Description  Component 1 9 X 1 PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHAWIRE [Alpha Wire]
Site Internet  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6059C Fiches technique(HTML) 1 Page - Alpha Wire

  6059C Datasheet HTML 1Page - Alpha Wire 6059C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6059C
Issue:
6
Page 1 of 2 Pages
Issue Date:
5/23/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
9 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
b) Insulation
0.016" Wall, Nom. PVC
0.062
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
4
BLACK-BLUE
7
BLACK-ORANGE
2
BLACK-WHITE
5
BLACK-BROWN
8
RED-GREEN
3
BLACK-GREEN
6
BLACK-YELLOW
9
RED-WHITE
c)
Pair
2/Cond Cabled Together
(1) Twists:
6.9 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG TC
2) Cable Assembly
9 Components Cabled
a) Twists:
2.0 Twists/foot (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.053" Wall, Nom.,PVC
0.522 (0.545 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6059C 9PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 --- LLXXXXXX
CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
148 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
43 pf/ft @1 kHz, Nominal
3) Ground Capacitance
77 pf/ft @1 kHz, Nominal
4) Characteristic Impedance
53 Ω
5) Inductance
0.2 µH/ft, Nominal
6) Conductor DCR
16.6 Ω/1000ft @20°C, Nominal
7) Component Shield DCR
13.8 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) 1000 FT


Numéro de pièce similaire - 6059C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
6059 ETC2-6059 Datasheet
401Kb / 1P
TEST JACKS
logo
3M Electronics
6059 3M-6059 Datasheet
305Kb / 4P
6000 Series Full Face Respirators
05/2007
logo
Alpha Wire
6059-19C ALPHAWIRE-6059-19C Datasheet
412Kb / 5P
22 (7/30) AWG Tinned Copper
6059/11C ALPHAWIRE-6059/11C Datasheet
99Kb / 4P
Customer Specification
8/29/2022
6059/11C ALPHAWIRE-6059/11C Datasheet
98Kb / 4P
Customer Specification
12/1/2022
More results

Description similaire - 6059C

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
6064C ALPHAWIRE-6064C Datasheet
76Kb / 2P
Component 1 4 X 1 PAIR
6203C ALPHAWIRE-6203C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6209C ALPHAWIRE-6209C Datasheet
77Kb / 2P
Component 1 9 X 1 PAIR
6212C ALPHAWIRE-6212C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6213C ALPHAWIRE-6213C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6223C ALPHAWIRE-6223C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6227C ALPHAWIRE-6227C Datasheet
76Kb / 2P
Component 1 7 X 1 PAIR
6325 ALPHAWIRE-6325 Datasheet
79Kb / 2P
Component 1 18 X 1 PAIR
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
Component 1 1 X 1 PAIR
B963031 ALPHAWIRE-B963031 Datasheet
68Kb / 2P
Component 1 3 X 1 PAIR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com