| Moteur de recherche de fiches techniques de composants électroniques |
|
PI5V330SE Fiches technique(PDF) 6 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI5V330SE Fiches technique(HTML) 6 Page - Pericom Semiconductor Corporation |
|
6 / 9 page ![]() 6 PS7032F 09/09/04 PI5V330 Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux Figure 3. Off Isolation vs Frequency Figure 4. Crosstalk vs Frequency DIV 10.00 2 4 6 8 1 2 4 6 8 1 2 NETWORK A: REF 10.00 [dB] B: REF 180.0 [deg] MKR 100 063 436.436 Hz T/R 519.486m dB q 90.2501 deg RBW: 10 kHz ST: 1.41 sec RANGE: R = 0, T = 0dBm PI5V330 OFF ISOLATION DIV 36.00 START STOP GAIN PHASE 1 000 000 . 000 Hz 300 000 000 . 000 Hz +10dB 0dB 10dB 20db 30dB 40dB 50dB 60dB 70dB 80dB 90dB +180 +144 +108 +72 +36 0 36 72 108 144 180 DIV 10.00 2 4 6 8 1 2 4 6 8 1 2 NETWORK A: REF 0.000 [dB] B: REF 180.0 [deg] MKR 10 074 746.057 Hz T/R 519.486m dB q 90.2501 deg RBW: 10 kHz ST: 4.05 sec RANGE: R = 0, T = 0dBm PI5V330 XTALK 10 MHz, RL = 50 Ohm DIV 36.00 START STOP 1 000 000 . 000 Hz 300 000 000 . 000 Hz 0dB 10dB 20dB 30db 40dB 50dB 60dB 70dB 80dB 90dB 100dB +180 +144 +108 +72 +36 0 36 72 108 144 180 MAGNITUDE PHASE |