Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXA270 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 9Page - Intel Corporation PXA270 Datasheet HTML 10Page - Intel Corporation PXA270 Datasheet HTML 11Page - Intel Corporation PXA270 Datasheet HTML 12Page - Intel Corporation PXA270 Datasheet HTML 13Page - Intel Corporation PXA270 Datasheet HTML 14Page - Intel Corporation PXA270 Datasheet HTML 15Page - Intel Corporation PXA270 Datasheet HTML 16Page - Intel Corporation PXA270 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
3-1
Package Information
3
This chapter provides the mechanical specifications for the PXA270 processor.
The PXA270 processor is offered in two packages. The 13- by 13-mm, 356-ball, 0.50-mm VF-
BGA molded matrix array package is shown in Figure 3-1, Figure 3-2, and Figure 3-3. The 23- by
23-mm, 360-ball, 1.0-mm PBGA molded matrix array package is shown in Figure 3-5, Figure 3-6,
and Figure 3-7.
3.1
Package Information
Figure 3-1. 13x13mm VF-BGA Intel® PXA270 Processor Package, top view
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
A1 Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More