| Moteur de recherche de fiches techniques de composants électroniques |
|
FSLM2520-R33-K Fiches technique(PDF) 1 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
FSLM2520-R33-K Fiches technique(HTML) 1 Page - TOKO, Inc |
|
1 / 2 page ![]() 17 Meeting Your Needs 1.800.PIK.TOKO 1.847.297.0070 www.tokoam.com Wirewound Chip Inductors TYPE FSLM2520 Features • Inductance Range: 0.1-220 µH • Temperature Coefficient: 750ppm/ °C • Temperature Range: –40 °C to +85°C • Typical max Q: 40 ~ 50 • Proprietary wire-wound structure with welded terminations offers high reliability • Superior solderability and high heat-resistance for flow and reflow soldering • Low profile: 1008 footprint 1.7mm max (1.6mm typ.) • S-parameter data available upon request • Packaged on tape and reel in 2,000 piece quantity Recommended patterns: 1.6±0.1 1.4 0.5 2.0 Tolerance: ±0.2 Unit: mm 1.2 1.5 1.2 Unit: mm Part Numbering Q-FREQUENCY CHARACTERISTICS 50 1 100 10 0 Frequency (MHz) 60 70 40 30 20 10 Q 47 µH 4.7 µH 0.47 µH The FSLM2520 Series is a ferrite core wirewound surface mount chip inductor which conforms to the EIA standard 1008 footprint. Its proprietary welded termination architec- ture offers superior reliability and high heat-resistance for flow and reflow soldering capability. It is an economical choice for general signal conditioning, RF or IF filtering applications, or as matching elements. FSLM 2520 - R10 K Tolerance (J= ±5%, K=±10%) Inductance Footprint (l x w in mm) Type Name |
Numéro de pièce similaire - FSLM2520-R33-K |
|
Description similaire - FSLM2520-R33-K |