Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5481C Fiches technique(PDF) 1 Page - Alpha Wire

No de pièce 5481C
Description  EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHAWIRE [Alpha Wire]
Site Internet  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5481C Fiches technique(HTML) 1 Page - Alpha Wire

  5481C Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
XTRA•GUARD® 1
MULTIPAIR, FOIL SHIELD
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
24 AWG (0,23mm2), 7/32 (7x0,20mm), Insulation Thickness: 0.010" (0,25mm)
5491C
1
0.032
0,81
0.16
4,1
5492C
2
0.032
0,81
0.21
5,2
5493C
3
0.032
0,81
0.23
5,9
5494C
4
0.032
0,81
0.25
6,5
5495C
5
0.032
0,81
0.27
7,0
5496C
6
0.032
0,81
0.29
7,4
5499C
9
0.032
0,81
0.34
8,5
5499/11C
11
0.032
0,81
0.36
9,2
5499/15C
15
0.032
0,81
0.40
10,3
5499/19C
19
0.032
0,81
0.44
11,2
5499/27C
27
0.032
0,81
0.50
12,8
XTRA•GUARD 1
No. of
Jacket Thickness
Nominal Diameter
Part No.
Pairs
Inches
mm
Inches
mm
22 AWG (0,35mm2), 7/30 (7x0,25mm), Insulation Thickness: 0.010" (0,25mm)
5481C
1
0.032
0,81
0.18
4,6
5482C
2
0.032
0,81
0.23
5,8
5483C
3
0.032
0,81
0.25
6,5
5484C
4
0.032
0,81
0.27
7,0
5485C
5
0.032
0,81
0.29
7,4
5486C
6
0.032
0,81
0.32
8,0
5489C
9
0.032
0,81
0.37
9,4
5489/11C
11
0.032
0,81
0.40
10,3
5489/15C
15
0.032
0,81
0.45
11,4
5489/19C
19
0.032
0,81
0.49
12,5
5489/27C
27
0.053
1,35
0.62
15,7
XTRA•GUARD 1
No. of
Jacket Thickness
Nominal Diameter
Part No.
Pairs
Inches
mm
Inches
mm
20 AWG (0,56mm2), 7/28 (7x0,32mm), Insulation Thickness: 0.017" (0,43mm)
5452C
2
0.032
0,81
0.31
7,7
5453C
3
0.032
0,81
0.33
8,3
5456C
6
0.032
0,81
0.43
10,7
5459C
9
0.032
0,81
0.50
12,5
5459/12C
12
0.032
0,81
0.56
13,5
5459/19C
19
0.053
1,35
0.70
17,8
XTRA•GUARD 1
No. of
Jacket Thickness
Nominal Diameter
Part No.
Pairs
Inches
mm
Inches
mm
18 AWG (0,81mm2), 16/30 (16x0,25mm), Insulation Thickness: 0.017" (0,43mm)
5373C
3
0.032
0,81
0.36
9,2
5376C
6
0.032
0,81
0.47
12,0
XTRA•GUARD 1
No. of
Jacket Thickness
Nominal Diameter
Part No.
Pairs
Inches
mm
Inches
mm
UL TYPE CM, AWM 2464
CSA CMG FT4
RoHS COMPLIANT
300 VOLT
CHARACTERISTICS
OPERATING TEMPERATURE:
I –20°C to 80°C – AWM
I –20°C to 75°C – CM
VOLTAGE RATING:
I 300 Volt
COLOR DESCRIPTION:
I Color Code: 24, 22 AWG Chart B Page 374,
I 20, 18 AWG Chart A Page 374
I Jacket Colors: Gray, Black
PRODUCT DESCRIPTION:
I Conductor: Stranded Tinned Copper
I Insulation: Color-Coded Premium PVC
I Shield: Aluminum/Polyester Foil Facing In with
Stranded Tinned Copper Drain Wire Equal in Size to
Insulated Conductors of Cable
I Nylon Rip Cord for Ease of Jacket Stripping
I Jacket: Premium PVC
SPECIFICATIONS
I UL Type CM, AWM Style 2464
I CSA CMG FT4
I Passes UL VW-1 Flame Test
I Passes CSA FT4 Flame Test
I RoHS Compliant
CHOOSE XTRA•GUARD 1 FOR:
I Unsurpassed Flame and Moisture Resistance
I Fast, Easy Stripping of Insulation and Jacket
I UL Recognition, UL Listing and CSA Certification
I Flexible Cable Routing Requirements
XTRA•GUARD
1 APPLICATIONS:
I EIA RS 232C Interface (24, 22 AWG)
I High Technology Applications in Controlled Environments
I Medical Electronics
I Point-Of-Sale Equipment
I Computer Peripherals
I Industrial Process Controls
AVAILABILITY
I In Stock: Gray 100 ft (30,5m), 500 ft (152m) and
1000 ft (305m) put-ups
I Made-To-Order: Black, 1000 ft (305m) minimum
®
FOR COMPLETE PRODUCT PERFORMANCE DATA, SEE TECHNICAL SECTION IN THE BACK OF THIS BOOK.
FIT® TUBING RECOMMENDATION
FIT® -221
– General Purpose, Irradiated Polyolefin (See Page 114 for Product Specifications)
FIT®-321
– Medium Wall, Adhesive Lined, Irradiated Polyolefin (See Page 121 for Product Specifications)
Toll Free: 1-800-52 ALPHA • Telephone: 908-925-8000 • Fax: 908-925-6923
Web Site: www.alphawire.com
Europe/UK Telephone: +44 (0) 1932 772422 • Europe/UK Fax: +44 (0) 1932 772433
Email: info@alphawire.com


Numéro de pièce similaire - 5481C

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
5481C ALPHAWIRE-5481C Datasheet
53Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
More results

Description similaire - 5481C

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
Extended Life MLCC
logo
Alpha Wire
5139C ALPHAWIRE-5139C Datasheet
102Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
5496C ALPHAWIRE-5496C Datasheet
53Kb / 1P
EXTRA-PREMIUM GRADE PVC JACKET FOR EXTENDED CABLE LIFE
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
Extended life 2000 hour
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
Extended Life, 3000 hours
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
Extended Life - High voltage
logo
Turck, Inc.
RSM-RKM-50-2M TURCK-RSM-RKM-50-2M Datasheet
166Kb / 2P
PVC Cable Jacket
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
XOL ??extended operating life
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
XOL ??extended operating life
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com