Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3256 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3256
Description  1 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3256 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3256 Datasheet HTML 1Page - KR Electronics, Inc. 3256 Datasheet HTML 2Page - KR Electronics, Inc. 3256 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2016 KR Electronics, Inc.
3256, Rev 0
KR Electronics, Inc.
KR Electronics part number 3256 is a 1 MHz lowpass filter
module. The module consists of four 1 MHz lowpass filter Oth-
er cutoff frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 1 MHz Lowpass Filter
 1 dB max at 1 MHz
 40 dB min at 1.875 MHz
 50  Source and Load
 Can be supplied as Individual Filters
 Other frequencies and custom
package styles available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3256

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
3256 LATTICE-3256 Datasheet
1Mb / 18P
High Density Programmable Logic
logo
List of Unclassifed Man...
3256 ETC2-3256 Datasheet
91Kb / 1P
Kano Screen Kit
logo
Adafruit Industries
3256 ADAFRUIT-3256 Datasheet
91Kb / 2P
Kano Screen Kit
logo
Littelfuse
3256.25 LITTELFUSE-3256.25 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
3256.25 LITTELFUSE-3256.25 Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
More results

Description similaire - 3256

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
1 MHz Lowpass Filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3151 KR-3151 Datasheet
60Kb / 3P
7 MHz Lowpass Filter 1 dB max
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3216-SMA KR-3216-SMA Datasheet
96Kb / 3P
400 MHz Lowpass Filter 1 dB max
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com