Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS85354 Fiches technique(PDF) 2 Page - Integrated Circuit Systems

No de pièce ICS85354
Description  DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85354 Fiches technique(HTML) 2 Page - Integrated Circuit Systems

  ICS85354 Datasheet HTML 1Page - Integrated Circuit Systems ICS85354 Datasheet HTML 2Page - Integrated Circuit Systems ICS85354 Datasheet HTML 3Page - Integrated Circuit Systems ICS85354 Datasheet HTML 4Page - Integrated Circuit Systems ICS85354 Datasheet HTML 5Page - Integrated Circuit Systems ICS85354 Datasheet HTML 6Page - Integrated Circuit Systems ICS85354 Datasheet HTML 7Page - Integrated Circuit Systems ICS85354 Datasheet HTML 8Page - Integrated Circuit Systems ICS85354 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
85354AK
www.icst.com/products/hiperclocks.html
REV. B JUNE 8, 2004
2
Integrated
Circuit
Systems, Inc.
ICS85354
DUAL 2:1/1:2
DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
PRELIMINARY
A TYPICAL APPLICATION FOR THE ICS85354
Used to connect a multi-rate PHY with the Tx/Rx pins of an
SFP Module.
Problem Addressed: How to mape the 2 Tx/Rx pairs of the
multi-rate PHY to the single Tx/Rx pair on the SFP Module.
100BaseFX
1000BaseX
MULTI-RATE PHY
SFP MODULE
Tx
Rx
Tx
Rx
Rx
Tx
➣
➣
➣
➣
➣
➣
?
Bold red lines
are active connections highlighting the
signal path.
MODE 1, 100BASEX CONNECTED TO SFP
All lines are differential pairs, but drawn as single-ended to
simplify the drawing.
MULTI-RATE PHY
SFP MODULE
100BaseFX
1000BaseX
Tx
Rx
Tx
Rx
Rx
Tx
0
1
CLK_SELA = 0
CLKA0
CLKA1
QB0
QB1
QA
CLKB
CLK_SELB = 0
ICS85354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16