| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8900A Fiches technique(PDF) 49 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8900A Fiches technique(HTML) 49 Page - Cirrus Logic |
|
49 / 128 page ![]() DS271PP3 49 CS8900A Crystal LAN™ ISA Ethernet Controller CIRRUS LOGIC PRODUCT DATA SHEET operations. It is possible to set either, neither, or both bits. The four corresponding pairs of bits are: If one of the above Interrupt Enable bits is set and the corresponding Accept bit is clear, the CS8900A generates an interrupt when the associated receive event occurs, but then does not accept the receive frame (the length of the receive frame is set to ze- ro). The other five Accept bits in RxCTL are used for destination address filtering (see Section 5.3 on page 87). The Accept mechanism is explained in more detail in Section 5.2 on page 79. 4.4.4 Status and Control Register Summary The table on the following page (Table 15) pro- vides a summary of the Status and Control regis- ters. Section 4.4.4 on page 49 gives a detailed description of each Status and Control register. Interrupt Enable Bit (register name) Event Bit or Counter (register name) ExtradataiE (RxCFG) Extradata (RxEvent) RuntiE (RxCFG) Runt (RxEvent) CRCerroriE (RxCFG) CRCerror (RxEvent) RxOKiE (RxCFG) RxOK (RxEvent) 16colliE (TxCFG) 16coll (TxEvent) AnycolliE (TxCFG) “Number-of Tx-collisions” counter is incremented (TxEvent) JabberiE (TxCFG) Jabber (TxEvent) Out-of-windowiE (TxCFG) Out-of-window (TxEvent) TxOKiE (TxCFG) TxOK (TXEvent) SQEerroriE (TxCFG) SQEerror (TxEvent) Loss-of-CRSiE (TxCFG) Loss-of-CRS (TxEvent) MissOvfloiE (BufCFG) RxMISS counter over- flows past 1FFh TxColOvfloiE (BufCFG) TxCOL counter overflows past 1FFh RxDestiE (BufCFG) RxDest (BufEvent) Rx128iE (BufCFG) Rx128 (BufEvent) RxMissiE (BufCFG) RxMISS (BufEvent) TxUnderruniE (BufCFG) TxUnderrun (BufEvent) Rdy4TxiE (BufCFG) Rdy4Tx (BufEvent) RxDMAiE (BufCFG) RxDMAFrame (BufEvent) Table 14. Interrupt Enable Bits and Events IE Bit in RxCFG A Bit in RxCTL ExtradataiE ExtradataA RuntiE RuntA CRCerroriE CRCerrorA RxOKiE RxOKA |