Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CTM3083VT2 Fiches technique(PDF) 7 Page - CT Micro International Corporation

No de pièce CTM3083VT2
Description  Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM3083VT2 Fiches technique(HTML) 7 Page - CT Micro International Corporation

Back Button CTM3083VT2 Datasheet HTML 2Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 3Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 4Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 5Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 6Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 7Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 8Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 9Page - CT Micro International Corporation CTM3083VT2 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CT Micro
Rev.2
Proprietary & Confidential
Page 7
Mar, 2015
CTM3083, CTM3082, CTM3081
CTM3063, CTM3062, CTM3061
600V/800V Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
Marking Information
Note:
CT
: Denotes “CT Micro”
3063
: Product Number
V
: VDE Option
Y
: Fiscal Year
WW
: Work Week
K
: Manufacturing Code
Ordering Information
CTM30XX(V)(Z)
XX = Part No. (XX=83, 82, 81, 63, 62 and 61)
V = VDE Option ( V or None)
Z
= Tape and reel option (T1 or T2)
Option
Description
Quantity
T1
Surface Mount Lead Forming – With Option 1 Taping
3000 Units/Reel
T2
Surface Mount Lead Forming – With Option 2 Taping
3000 Units/Reel
CT
3063
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10