| Moteur de recherche de fiches techniques de composants électroniques |
|
CTM3063VT1 Fiches technique(PDF) 7 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTM3063VT1 Fiches technique(HTML) 7 Page - CT Micro International Corporation |
|
7 / 10 page ![]() CT Micro Rev.2 Proprietary & Confidential Page 7 Mar, 2015 CTM3083, CTM3082, CTM3081 CTM3063, CTM3062, CTM3061 600V/800V Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler Marking Information Note: CT : Denotes “CT Micro” 3063 : Product Number V : VDE Option Y : Fiscal Year WW : Work Week K : Manufacturing Code Ordering Information CTM30XX(V)(Z) XX = Part No. (XX=83, 82, 81, 63, 62 and 61) V = VDE Option ( V or None) Z = Tape and reel option (T1 or T2) Option Description Quantity T1 Surface Mount Lead Forming – With Option 1 Taping 3000 Units/Reel T2 Surface Mount Lead Forming – With Option 2 Taping 3000 Units/Reel CT 3063 VYWWK |