| Moteur de recherche de fiches techniques de composants électroniques |
|
CZRC5369 Fiches technique(PDF) 4 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CZRC5369 Fiches technique(HTML) 4 Page - Comchip Technology |
|
4 / 4 page ![]() Rating and Characteristic Curves (CZRC5348 Thru CZRC5388) www.comchip.com.tw COMCHIP COMCHIP MDS021101 3A Page 4 Surface Mount Zener Diode 30 20 10 5 2 1 0.5 0.2 0.1 1 10 100 1000 VZ = 6.8V VZ = 200V PLOTTED FROM INFORMATION GIVENINFIGURE 6 1000 100 10 1 0.1 1234 56789 10 T= 25°C T C = 25°C VZ, ZENER VOLTAGE (VOLTS) Fig. 6-PEAK SURGE CURRENT VERSUS PULSE WIDTH(SEE NOTE 3) Fig. 7-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 6.8 THRU 10 VOLTS 1000 100 10 1 0.1 10 20 30 40 70 T= 25°C VZ, ZENER VOLTAGE (VOLTS) 1000 100 10 1 0.1 80 100 120 140 160 180 200 220 VZ, ZENER VOLTAGE (VOLTS) Fig. 8-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 11 THRU 75 VOLTS Fig. 9-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 82 THRU 200 VOLTS Data of Figure 3 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure. 5 be exceeded |