Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZRW5225 Fiches technique(PDF) 4 Page - Comchip Technology

No de pièce CZRW5225
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW5225 Fiches technique(HTML) 4 Page - Comchip Technology

  CZRW5225 Datasheet HTML 1Page - Comchip Technology CZRW5225 Datasheet HTML 2Page - Comchip Technology CZRW5225 Datasheet HTML 3Page - Comchip Technology CZRW5225 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MDS0208005A
Page 4
Surface Mount Zener Diodes
Surface Mount Zener Diodes
COMCHIP
COMCHIP
www.comchip.com.tw
COMCHIP
ZENER VOLTAGE V.S. ZENER CURRENT
TYPICAL LEAKGE CURRENT
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
NOMINAL ZENER VOLTAGE, Vlots
+150 C
O
+25 C
O
-55 C
O
12
100
10
1
0.1
0.01
10
8
6
4
2
0
ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
0.1
0.01
10
30
50
70
90
T =25 C
A
o
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT



Html Pages

1 2 3 4