Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT3083VST1 Fiches technique(PDF) 10 Page - CT Micro International Corporation

No de pièce CT3083VST1
Description  600V/800V Zero Cross 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3083VST1 Fiches technique(HTML) 10 Page - CT Micro International Corporation

Back Button CT3083VST1 Datasheet HTML 4Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 5Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 6Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 7Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 8Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 9Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 10Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 11Page - CT Micro International Corporation CT3083VST1 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 10
Jul, 2014
CT3061, CT3062, CT3063
CT3081, CT3082, CT3083
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
Carrier Tape Specifications Dimensions in mm unless otherwise stated
Option S(T1) & SL(T1)
Option S(T2) & SL(T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12