Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT3041VT1 Fiches technique(PDF) 7 Page - CT Micro International Corporation

No de pièce CT3041VT1
Description  250V/400V Zero Cross 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3041VT1 Fiches technique(HTML) 7 Page - CT Micro International Corporation

Back Button CT3041VT1 Datasheet HTML 3Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 4Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 5Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 6Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 7Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 8Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 9Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 10Page - CT Micro International Corporation CT3041VT1 Datasheet HTML 11Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 7
Jul, 2014
CT3031, CT3032, CT3033
CT3041, CT3042, CT3043
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Surface Mount Forming (S Type)
Surface Mount Forming (Low Profile) (SL Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12