| Moteur de recherche de fiches techniques de composants électroniques |
|
MP1001 Fiches technique(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
MP1001 Fiches technique(HTML) 2 Page - Comchip Technology |
|
2 / 2 page ![]() MDS0309003A Page 2 COMCHIP COMCHIP www.comchiptech.com Silicon Bridge Rectifiers Silicon Bridge Rectifiers Rating and Characteristic Curves (MP1000 thru 1010) 10 10 8 8 6 6 4 4 2 2 0 0 25 50 75 100 125 25 50 75 100 125 10 10 1.0 1.0 0.1 0.1 0.01 0.01 0 0.4 0.8 1.2 1.6 0 0.4 0.8 1.2 1.6 0 40 80 120 0 40 80 120 10 10 1.0 1.0 0.1 0.1 0.01 0.01 200 200 120 120 80 80 40 40 0 0 240 240 160 160 1.0 1.0 10 10 100 100 VF, Instantaneous Forward Voltage (V) o TA, Ambient Temperature ( C) Number of Cycles at 60Hz Percent of Rated Peak Reverse Voltage (%) Resistive or Inductive load Resistive or Inductive load o Tj = 25 C Pulse width = 300uS o Tj = 25 C Pulse width = 300uS o Tc = 50 C Single half sine-wave JEDEC method o Tc = 50 C Single half sine-wave JEDEC method o Tj =100 C o Tj =100 C o Tj =25 C o Tj =25 C |