Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP1000 Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce MP1000
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1000 Fiches technique(HTML) 2 Page - Comchip Technology

  MP1000 Datasheet HTML 1Page - Comchip Technology MP1000 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDS0309003A
Page 2
COMCHIP
COMCHIP
www.comchiptech.com
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
Rating and Characteristic Curves (MP1000 thru 1010)
10
10
8
8
6
6
4
4
2
2
0
0
25
50
75
100
125
25
50
75
100
125
10
10
1.0
1.0
0.1
0.1
0.01
0.01
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
0
40
80
120
0
40
80
120
10
10
1.0
1.0
0.1
0.1
0.01
0.01
200
200
120
120
80
80
40
40
0
0
240
240
160
160
1.0
1.0
10
10
100
100
VF, Instantaneous Forward Voltage (V)
o
TA, Ambient Temperature ( C)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
Resistive or
Inductive load
Resistive or
Inductive load
o
Tj = 25 C
Pulse width = 300uS
o
Tj = 25 C
Pulse width = 300uS
o
Tc = 50 C
Single half sine-wave
JEDEC method
o
Tc = 50 C
Single half sine-wave
JEDEC method
o
Tj =100 C
o
Tj =100 C
o
Tj =25 C
o
Tj =25 C



Html Pages

1 2