| Moteur de recherche de fiches techniques de composants électroniques |
|
P89C51RB2BA/01 Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C51RB2BA/01 Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 68 page ![]() Philips Semiconductors Preliminary data P89C51RA2/RB2/RC2/RD2xx 80C51 8-bit Flash microcontroller family 8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM 2002 Jul 18 27 80C51 Internal Bus SBUF Zero Detector D Q S CL Write to SBUF TX Control TX Clock Send Data Start RX Control Start RX Clock T1 Serial Port Interrupt Input Shift Register (9 Bits) Load SBUF Shift SBUF Read SBUF 80C51 Internal Bus TxD TB8 ÷ 16 1-to-0 Transition Detector Sample ÷ 2 Timer 1 Overflow SMOD = 1 SMOD = 0 Shift Bit Detector RxD R1 ÷ 16 Load SBUF Shift 1FFH Transmit Send S1P1 Shift TX Clock Write to SBUF Start Bit TxD Stop Bit D0 D1 D2 D3 D4 D5 D6 D7 TI RX Clock ÷ 16 Reset Start Bit RxD Stop Bit D0 D1 D2 D3 D4 D5 D6 D7 Bit Detector Sample Times Shift RI Receive Data TB8 RB8 Stop Bit Gen. SU00542 Figure 17. Serial Port Mode 3 |