Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC409 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC409 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC409 Datasheet HTML 2Page - National Semiconductor (TI) CLC409 Datasheet HTML 3Page - National Semiconductor (TI) CLC409 Datasheet HTML 4Page - National Semiconductor (TI) CLC409 Datasheet HTML 5Page - National Semiconductor (TI) CLC409 Datasheet HTML 6Page - National Semiconductor (TI) CLC409 Datasheet HTML 7Page - National Semiconductor (TI) CLC409 Datasheet HTML 8Page - National Semiconductor (TI) CLC409 Datasheet HTML 9Page - National Semiconductor (TI) CLC409 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Division
Feedback Resistor
The CLC409 achieves its excellent pulse and distortion per-
formance by using the current feedback topology pioneered
by Comlinear Corporation. The loop gain for a current feed-
back op amp, and hence the frequency response, is pre-
dominantly set by the feedback resistor value. The CLC409
is optimized for use with a 250
Ω feedback resistor. Using
lower values can lead to excessive ringing in the pulse
response while a higher value will limit the bandwidth. Appli-
cation Note OA-13 discusses this in detail along with the
occasions where a different R
f might be advantageous.
Harmonic Distortion
The CLC409 has been optimized for exceptionally low har-
monic distortion while driving very demanding resistive or
capacitive loads. Generally, when used as the input amplifier
to very high speed flash ADCs, the distortions introduced by
the converter will dominate over the low CLC409 distortions
shown on the plots on the previous page. The 0.01µF ca-
pacitor (C
ss) shown across the supplies in Figure 1 and
Figure 2 is critical to achieving the lowest 2nd harmonic
distortion.
The 2-tone, 3rd order spurious plot shows a relatively con-
stant difference between the test power level and the spuri-
ous level with that difference depending on frequency. The
01274812
FIGURE 1. Recommended Non-Inverting Gain Circuit
01274813
FIGURE 2. Recommended Inverting Gain Circuit
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10