Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT4502SL Fiches technique(PDF) 13 Page - CT Micro International Corporation

No de pièce CT4502SL
Description  1Mbit/s High Speed Phototransistor Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT4502SL Fiches technique(HTML) 13 Page - CT Micro International Corporation

Back Button CT4502SL Datasheet HTML 8Page - CT Micro International Corporation CT4502SL Datasheet HTML 9Page - CT Micro International Corporation CT4502SL Datasheet HTML 10Page - CT Micro International Corporation CT4502SL Datasheet HTML 11Page - CT Micro International Corporation CT4502SL Datasheet HTML 12Page - CT Micro International Corporation CT4502SL Datasheet HTML 13Page - CT Micro International Corporation CT4502SL Datasheet HTML 14Page - CT Micro International Corporation CT4502SL Datasheet HTML 15Page - CT Micro International Corporation CT4502SL Datasheet HTML 16Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 13
May, 2015
6N135, 6N136, CT4502, CT4503
1Mbit/s High Speed Phototransistor Optocoupler
Ordering Information
6N13X(V)(Y)(Z)
or
CT450X(V)(Y)(Z)
X = Part No. (5,6 for 6N13X series), (2,3 for CT450X series)
V = VDE Option ( V or None)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
Option
Description
Quantity
None
Standard 8 Pin Dip
40 Units/Tube
M
Gullwing (400mil) Lead Forming
40 Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming– With Option 2 Taping
1000 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16