| Moteur de recherche de fiches techniques de composants électroniques |
|
CT2601 Fiches technique(PDF) 13 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT2601 Fiches technique(HTML) 13 Page - CT Micro International Corporation |
|
13 / 16 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 13 Aug, 2013 CT2601 10MBit/s High Speed Logic Gate Optocoupler Ordering Information CT2601Y(Z) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) Option Description Quantity None Standard 8 Pin Dip 45 Units/Tube M Gullwing (400mil) Lead Forming 45 Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming– With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming– With Option 2 Taping 1000 Units/Reel |