Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N33ST2 Fiches technique(PDF) 12 Page - CT Micro International Corporation

No de pièce 4N33ST2
Description  DC Input 6-Pin Photodarlington Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N33ST2 Fiches technique(HTML) 12 Page - CT Micro International Corporation

Back Button 4N33ST2 Datasheet HTML 5Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 6Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 7Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 8Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 9Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 10Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 11Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 12Page - CT Micro International Corporation 4N33ST2 Datasheet HTML 13Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CT Microelectronics
Rev 1
Proprietary & Confidential
Page 12
Apr, 2014
4N29, 4N30, 4N31, 4N32, 4N33
H11B1, H11B2, H11B3, H11B255, TIL113
DC Input 6-Pin Photodarlington Optocoupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13