Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT851ST2 Fiches technique(PDF) 12 Page - CT Micro International Corporation

No de pièce CT851ST2
Description  DC Input 4-Pin Phototransistor Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT851ST2 Fiches technique(HTML) 12 Page - CT Micro International Corporation

Back Button CT851ST2 Datasheet HTML 8Page - CT Micro International Corporation CT851ST2 Datasheet HTML 9Page - CT Micro International Corporation CT851ST2 Datasheet HTML 10Page - CT Micro International Corporation CT851ST2 Datasheet HTML 11Page - CT Micro International Corporation CT851ST2 Datasheet HTML 12Page - CT Micro International Corporation CT851ST2 Datasheet HTML 13Page - CT Micro International Corporation CT851ST2 Datasheet HTML 14Page - CT Micro International Corporation CT851ST2 Datasheet HTML 15Page - CT Micro International Corporation CT851ST2 Datasheet HTML 16Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 12
Jun, 2015
CT851 Series
DC Input 4-Pin Phototransistor Optocoupler
Carrier Tape Specifications Dimensions in mm unless otherwise stated
Option S(T1) & SL(T1)
Option S(T2) & SL(T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16