| Moteur de recherche de fiches techniques de composants électroniques |
|
CT415T2 Fiches technique(PDF) 2 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT415T2 Fiches technique(HTML) 2 Page - CT Micro International Corporation |
|
2 / 10 page ![]() CT Micro Rev.2 Proprietary & Confidential Page 2 Jul, 2014 CT415 Series DC Input 4-Pin Mini-Flat Photodarlington Optocoupler Absolute Maximum Rating at 25oC Symbol Parameters Ratings Units Notes VISO Isolation voltage 3750 VRMS TOPR Operating temperature -55 ~ +110 oC TSTG Storage temperature -55 ~ +150 oC TSOL Soldering temperature 260 oC PTOT Total power dissipation 170 mW Emitter IF Forward current 50 mA IF(TRANS) Peak transient current (≤1µs P.W,300pps) 1 A VR Reverse voltage 6 V PD Power dissipation 70 mW Detector PD Power dissipation 150 mW BVCEO Collector-Emitter Breakdown Voltage 60 V BVECO Emitter-Collector Breakdown Voltage 7 V IC Collector Current 80 mA |