Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT350 Fiches technique(PDF) 13 Page - CT Micro International Corporation

No de pièce CT350
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350 Fiches technique(HTML) 13 Page - CT Micro International Corporation

Back Button CT350 Datasheet HTML 7Page - CT Micro International Corporation CT350 Datasheet HTML 8Page - CT Micro International Corporation CT350 Datasheet HTML 9Page - CT Micro International Corporation CT350 Datasheet HTML 10Page - CT Micro International Corporation CT350 Datasheet HTML 11Page - CT Micro International Corporation CT350 Datasheet HTML 12Page - CT Micro International Corporation CT350 Datasheet HTML 13Page - CT Micro International Corporation CT350 Datasheet HTML 14Page - CT Micro International Corporation CT350 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 13
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Carrier Tape Specifications Dimensions in mm unless otherwise stated
Option S(T1) & SL(T1)
Option S(T2) & SL(T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15