Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT3A01-R3 Fiches technique(PDF) 2 Page - CT Micro International Corporation

No de pièce CT3A01-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTMICRO [CT Micro International Corporation]
Site Internet  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3A01-R3 Fiches technique(HTML) 2 Page - CT Micro International Corporation

  CT3A01-R3 Datasheet HTML 1Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 2Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 3Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 4Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 5Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 6Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 7Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 8Page - CT Micro International Corporation CT3A01-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CT Micro
Rev 4
Proprietary & Confidential
Page 2
Jun, 2015
CT3A01-R3
N-Channel Enhancement MOSFET
Absolute Maximum Rating at 25oC
Symbol
Parameters
Test Conditions
Min
Notes
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±8
V
ID
Continuous Drain Current @TA=25
℃
3.2
A
1
IDM
Pulsed Drain Current
15
A
1
PD
Total Power Dissipation @TA=25
℃
1.4
W
2
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Thermal Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
R JA
Thermal Resistance
Junction-Ambient
--
125
--
oC /W
1,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11