| Moteur de recherche de fiches techniques de composants électroniques |
|
HT6247 Fiches technique(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6247 Fiches technique(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 12 page ![]() Pin Description Pin Name I/O Internal Connection Description A0~A11 I TRANSMISSION GATE Input pins for address A0~A11 setting They can be externally set to VDD, VSS, or left open. AD10~AD17 I TRANSMISSION GATE Input pins for address/data (AD10~AD17) setting They can be externally set to VDD, VSS, or left open. D12~D17 I CMOS IN Pull-low Input pins for data (D12~D17) setting and transmission enable (active high) They an be externally set to VDD or left open (see Note). DOUT O CMOS OUT Encoder data serial transmission output LED O NMOS OUT LED transmission enable indicator TE I CMOS IN Pull-low Transmission enable, active high (see Note). OSC1 I OSCILLATOR Oscillator input pin OSC2 O OSCILLATOR Oscillator output pin VSS I ¾ Negative power supply (GND) VDD I ¾ Positive power supply Notes: D12~D17 are data input and transmission enable pins of the HT6187/HT6207/HT6247. TE is the transmission enable pin of the HT600/HT640/HT680. 318 Series of Encoders 3 July 8, 1999 DAT A t r i g g e r t y p e 9 - A d d r ess 3 - D a t a 10- A d d r ess 4 - D a t a H T 6207 2 0 D I P/ SO P H T 6187 18 D I P 9 - A d d r e s s 3 - D a t a H T 6187 20 S O P 12- A d d r e ss 6 - D a t a H T 6247 2 4 SO P/ SD I P A1 1 D1 2 D1 4 D1 5 DO UT LE D OS C 2 OS C 1 VS S A9 A8 A7 A6 A3 A2 A1 A0 18 17 16 15 14 13 12 11 10 1 2 3 4 5 6 7 8 9 NC A1 1 D1 2 D1 4 D1 5 DO UT LE D OS C 2 OS C 1 VS S 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 NC VD D A9 A8 A7 A6 A3 A2 A1 A0 A1 1 D1 2 D1 3 D1 4 D1 5 DO UT LE D OS C 2 OS C 1 VS S 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VD D A9 A8 A7 A6 A4 A3 A2 A1 A0 A1 1 D1 2 D1 3 D1 4 D1 5 D1 6 D1 7 DO UT LE D OS C 2 OS C 1 VS S 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VD D A1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 VD D |