| Moteur de recherche de fiches techniques de composants électroniques |
|
UA78M08CDCY Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UA78M08CDCY Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 13 page ![]() MECHANICAL DATA MSOT007A – JANUARY 1995 – REVISED SEPTEMBER 1995 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 KC (R-PSFM-T3) PLASTIC FLANGE-MOUNT PACKAGE 4040207 / B 01/95 (see Note F) 0.185 (4,70) 0.270 (6,86) 0.230 (5,84) 0.175 (4,46) (see Note H) 0.052 (1,32) 0.048 (1,22) 0.122 (3,10) 0.102 (2,59) 0.025 (0,64) 0.012 (0,30) 0.420 (10,67) MAX 0.250 (6,35) 0.380 (9,65) (see Note H) 0.146 (3,71) 0.156 (3,96) DIA 0.125 (3,18) (see Note C) 3 0.070 (1,78) 0.045 (1,14) 1 0.035 (0,89) 0.029 (0,74) 0.625 (15,88) 0.562 (14,27) 0.500 (12,70) 0.560 (14,22) 0.120 (3,05) 0.100 (2,54) 0.100 (2,54) M 0.010 (0,25) 0.200 (5,08) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Lead dimensions are not controlled within this area. D. All lead dimensions apply before solder dip. E. The center lead is in electrical contact with the mounting tab. F. The chamfer is optional. G. Falls within JEDEC TO-220AB H. Tab contour optional within these dimensions |