Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBP2005G Fiches technique(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No de pièce KBP2005G
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Site Internet  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KBP2005G Fiches technique(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KBP2005G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBP2005G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBP2005G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBP2005G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1746, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KBP2005G
THRU
KBP210G
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type number
Symbol
KBP
2005G
KBP
201G
KBP
202G
KBP
204G
KBP
206G
KBP
208G
KBP
210G
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
50
100
200
400
600
800 1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560 700
V
Average Rectified Output Current (Note 1)
@ TA=50℃
Io
2.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
60
A
Forward Voltage per element @IF=2.0A
VF
1.1
V
Peak Reverse Current @TA=25℃
At Rated DC Blocking Voltage @TA=125℃
IR
5.0
500
µA
Typical Thermal Resistance (Note 2)
RθJA
25
°C/W
RθJL
8
Junction Temperature
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com