Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV32T-R82J-PFD Fiches technique(PDF) 8 Page - TDK Electronics

No de pièce NLV32T-R82J-PFD
Description  Inductors for Standard Circuits Wound Ferrite
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R82J-PFD Fiches technique(HTML) 8 Page - TDK Electronics

Back Button NLV32T-R82J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 9Page - TDK Electronics NLV32T-R82J-PFD Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV32-PFD Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
1000
0.001
10000
1000
0.1
1
10
100
0.01
Frequency(MHz)
471J
391J
820J
181J
151J
331J
271J
121J
100J
8R2J
6R8J
3R9J
2R2J
1R8J
3R3J
2R7J
5R6J
4R7J
680J
560J
470J
270J
150J
120J
390J
330J
180J
220J
R22J
R10J
082J
R12J
068J
R18J
R15J
056J
047J
1R5J
1R2J
1R0J
R82J
R68J
R56J
R47J
R39J
R33J
R27J
033J
027J
022J
018J
015J
012J
010J
221J
101J
039J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com