Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV25T-R68J-PF Fiches technique(PDF) 6 Page - TDK Electronics

No de pièce NLV25T-R68J-PF
Description  Inductors for Standard Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R68J-PF Fiches technique(HTML) 6 Page - TDK Electronics

  NLV25T-R68J-PF Datasheet HTML 1Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 2Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 3Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 4Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 5Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20150105 / inductor_commercial_standard_nlv25-pf_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV25-PF Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(μH)
Tolerance
min.
(MHz)
(MHz)min.
(
)max.
(mA)max.
0.01
±5%
15
100
2150
0.26
530
NLV25T-010J-PF
0.012
±5%
15
100
2050
0.27
500
NLV25T-012J-PF
0.015
±5%
15
100
2000
0.29
480
NLV25T-015J-PF
0.018
±5%
15
100
1850
0.31
450
NLV25T-018J-PF
0.022
±5%
15
100
1650
0.37
420
NLV25T-022J-PF
0.027
±5%
15
100
1550
0.4
410
NLV25T-027J-PF
0.033
±5%
20
100
1450
0.42
400
NLV25T-033J-PF
0.039
±5%
20
100
1350
0.45
380
NLV25T-039J-PF
0.047
±5%
20
100
1200
0.5
360
NLV25T-047J-PF
0.056
±5%
20
100
1100
0.6
340
NLV25T-056J-PF
0.068
±5%
20
100
1050
0.65
320
NLV25T-068J-PF
0.082
±5%
20
100
900
0.75
300
NLV25T-082J-PF
0.1
±5%
20
100
800
0.8
280
NLV25T-R10J-PF
0.12
±5%
30
25.2
700
0.3
550
NLV25T-R12J-PF
0.15
±5%
30
25.2
550
0.35
500
NLV25T-R15J-PF
0.18
±5%
30
25.2
500
0.4
460
NLV25T-R18J-PF
0.22
±5%
30
25.2
450
0.5
430
NLV25T-R22J-PF
0.27
±5%
30
25.2
425
0.55
420
NLV25T-R27J-PF
0.33
±5%
30
25.2
400
0.6
400
NLV25T-R33J-PF
0.39
±5%
30
25.2
375
0.65
375
NLV25T-R39J-PF
0.47
±5%
30
25.2
350
0.68
350
NLV25T-R47J-PF
0.56
±5%
30
25.2
325
0.75
325
NLV25T-R56J-PF
0.68
±5%
30
25.2
300
0.85
300
NLV25T-R68J-PF
0.82
±5%
30
25.2
260
1
260
NLV25T-R82J-PF
1
±5%
30
7.96
245
1.1
245
NLV25T-1R0J-PF
1.2
±5%
30
7.96
230
1.2
230
NLV25T-1R2J-PF
1.5
±5%
30
7.96
182
1.3
220
NLV25T-1R5J-PF
1.8
±5%
30
7.96
135
1.45
210
NLV25T-1R8J-PF
2.2
±5%
30
7.96
105
1.55
200
NLV25T-2R2J-PF
2.7
±5%
30
7.96
70
1.7
195
NLV25T-2R7J-PF
3.3
±5%
30
7.96
55
1.9
185
NLV25T-3R3J-PF
3.9
±5%
30
7.96
48
2.1
180
NLV25T-3R9J-PF
4.7
±5%
30
7.96
43
2.3
175
NLV25T-4R7J-PF
5.6
±5%
25
7.96
42
2.5
170
NLV25T-5R6J-PF
6.8
±5%
25
7.96
39
2.7
165
NLV25T-6R8J-PF
8.2
±5%
25
7.96
36
3.05
160
NLV25T-8R2J-PF
10
±5%
25
2.52
33
3.5
155
NLV25T-100J-PF
12
±5%
25
2.52
30
3.8
150
NLV25T-120J-PF
15
±5%
25
2.52
26
4.4
140
NLV25T-150J-PF
18
±5%
25
2.52
24
4.8
130
NLV25T-180J-PF
22
±5%
25
2.52
22
5.5
125
NLV25T-220J-PF
27
±5%
25
2.52
21
6.3
115
NLV25T-270J-PF
33
±5%
25
2.52
20
7.1
110
NLV25T-330J-PF
39
±5%
20
2.52
18
9.5
90
NLV25T-390J-PF
47
±5%
20
2.52
17
11.1
80
NLV25T-470J-PF
56
±5%
20
2.52
16
12.1
75
NLV25T-560J-PF
68
±5%
20
2.52
15
16.6
70
NLV25T-680J-PF
82
±5%
20
2.52
13
19
66
NLV25T-820J-PF
100
±5%
15
0.796
12
21
60
NLV25T-101J-PF
Measurement item
Product No.
Manufacturer
L, Q
4191A+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com