Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV25T-R33J-PF Fiches technique(PDF) 7 Page - TDK Electronics

No de pièce NLV25T-R33J-PF
Description  Inductors for Standard Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R33J-PF Fiches technique(HTML) 7 Page - TDK Electronics

  NLV25T-R33J-PF Datasheet HTML 1Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 2Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 3Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 4Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 5Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R33J-PF Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20150105 / inductor_commercial_standard_nlv25-pf_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV25-PF Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
1000
0.001
1000
0.1
1
10
100
0.01
Frequency(MHz)
101J
820J
680J
470J
330J
220J
180J
560J
390J
270J
150J
120J
100J
8R2J
3R9J
3R3J
2R7J
6R8J
5R6J
4R7J
2R2J
1R8J
1R5J
1R2J
1R0J
R82J
R68J
R56J
R47J
R39J
R33J
R27J
R22J
R18J
R15J
R12J
R10J
082J
068J
047J
010J
018J
015J
012J
039J
033J
027J
022J
056J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com