| Moteur de recherche de fiches techniques de composants électroniques |
|
NLV32T-R15J-PFD Fiches technique(PDF) 10 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
NLV32T-R15J-PFD Fiches technique(HTML) 10 Page - TDK Electronics |
|
10 / 10 page ![]() (10/10) INDUC T O RS 20150122 / inductor_automotive_standard_nlv32-pfd_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. NLV32-PFD Type PACKAGING STYLE REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A W1 W2 N E NLV32-PFD ø180 9 13 ø60 0.5 ø13.0 ±0.5 ø21.0 ±0.8 2.0 ±0.5 A (1.0) Dimensions in mm E W2 W1 P0 P2 øD0 P1 A t K Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t NLV32-PFD 2.8 3.5 1.5+0.1/-0 1.75±0.1 3.50±0.05 4.00±0.10 4.00±0.10 2.00±0.05 8.00±0.30 2.3 0.4 |