Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPZ2012 Fiches technique(PDF) 10 Page - TDK Electronics

No de pièce MPZ2012
Description  Chip Beads For power line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012 Fiches technique(HTML) 10 Page - TDK Electronics

Back Button MPZ2012 Datasheet HTML 2Page - TDK Electronics MPZ2012 Datasheet HTML 3Page - TDK Electronics MPZ2012 Datasheet HTML 4Page - TDK Electronics MPZ2012 Datasheet HTML 5Page - TDK Electronics MPZ2012 Datasheet HTML 6Page - TDK Electronics MPZ2012 Datasheet HTML 7Page - TDK Electronics MPZ2012 Datasheet HTML 8Page - TDK Electronics MPZ2012 Datasheet HTML 9Page - TDK Electronics MPZ2012 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(10/10)
20150203 / beads_automotive_power_mpz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MPZ2012 Type
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
Dimensions in mm
Type
A
B
P1
K
MPZ2012
1.5±0.2
2.3±0.2
4.0±0.1
1.1max.
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
Dimensions in mm
1.0
14.4max.
8.4
+2.0
–0.0
4.0±0.1
2.0±0.05
A
P1
K
1.5
+0.1
0
Taping
200min.
300min.
Drawing direction
40 to 80
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10