Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLZ2012M150WT000 Fiches technique(PDF) 15 Page - TDK Electronics

No de pièce MLZ2012M150WT000
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M150WT000 Fiches technique(HTML) 15 Page - TDK Electronics

Back Button MLZ2012M150WT000 Datasheet HTML 7Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 8Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 9Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 10Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 11Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 12Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 13Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 14Page - TDK Electronics MLZ2012M150WT000 Datasheet HTML 15Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
(15/15)
INDUC
T
O
RS
20160411 / inductor_commercial_decoupling_mlz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLZ2012 Type
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
Type
A
B
K
MLZ2012
t=0.85
1.5±0.2
2.3±0.2
1.1 max.
t=1.25
1.5±0.2
2.3±0.2
1.5 max.
A
4.0±0.1
4.0±0.1
2.0±0.05
1.5
+0.1
0
K
K
MLZ2012 (t=1.25)
MLZ2012 (t=0.85)
Dimensions in mm
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15