Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLZ2012N1R5LT000 Fiches technique(PDF) 5 Page - TDK Electronics

No de pièce MLZ2012N1R5LT000
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012N1R5LT000 Fiches technique(HTML) 5 Page - TDK Electronics

  MLZ2012N1R5LT000 Datasheet HTML 1Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 2Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 3Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 4Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 5Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 6Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 7Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 8Page - TDK Electronics MLZ2012N1R5LT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
(5/15)
INDUC
T
O
RS
20160411 / inductor_commercial_decoupling_mlz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLZ2012 Type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
Dimensions in mm
T
0.85±0.20
1.25±0.20
2.00±0.20
0.50±0.30
0.50±0.30
Dimensions in mm
0.8
1.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15