Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLF2012DR10MT000 Fiches technique(PDF) 11 Page - TDK Electronics

No de pièce MLF2012DR10MT000
Description  Multilayer Ferrite
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR10MT000 Fiches technique(HTML) 11 Page - TDK Electronics

Back Button MLF2012DR10MT000 Datasheet HTML 3Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 4Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 5Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 6Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 7Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 8Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 9Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 10Page - TDK Electronics MLF2012DR10MT000 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
(11/11)
INDUC
T
O
RS
20150310 / inductor_commercial_standard_mlf2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLF2012 Type
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
1.5
+0.1
–0.0
Sprocket hole
Cavity
KB
2.0
±0.05
2.0
±0.05
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm
Type
A
B
K
MLF2012
t=0.85
2.3±0.2
1.5±0.2
1.1 max.
t=1.25
2.3±0.2
1.5±0.2
1.5 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11