| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-SC582 Fiches technique(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC582 Fiches technique(HTML) 65 Page - Analog Devices |
|
65 / 168 page ![]() Preliminary Technical Data Rev. PrF | Page 65 of 168 | February 2016 ADSP-SC582/583/584/587/589/ADSP-21583/584/587 DMC1_DQ08 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 8 Notes: No notes DMC1_DQ09 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 9 Notes: No notes DMC1_DQ10 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 10 Notes: No notes DMC1_DQ11 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 11 Notes: No notes DMC1_DQ12 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 12 Notes: No notes DMC1_DQ13 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 13 Notes: No notes DMC1_DQ14 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 14 Notes: No notes DMC1_DQ15 InOut B Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data 15 Notes: No notes DMC1_LDM Output B none none none VDD_DMC Desc: DMC1 Data Mask for Lower Byte Notes: No notes DMC1_LDQS InOut C Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data Strobe for Lower Byte Notes: External weak pulldown required in LPDDR mode DMC1_LDQS InOut C Internal logic ensures that input signal does not float none none VDD_DMC Desc: DMC1 Data Strobe for Lower Byte (complement) Notes: No notes DMC1_ODT Output B none none none VDD_DMC Desc: DMC1 On-die termination Notes: No notes DMC1_RAS Output B none none none VDD_DMC Desc: DMC1 Row Address Strobe Notes: No notes DMC1_RESET InOut B none none none VDD_DMC Desc: DMC1 Reset (DDR3 only) Notes: No notes Table 26. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued) Signal Name Type Driver Type Int Term Reset Term Reset Drive Power Domain Description and Notes |