Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAV4601BSTZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Fiches technique(HTML) 3 Page - Analog Devices

  ADAV4601BSTZ Datasheet HTML 1Page - Analog Devices ADAV4601BSTZ Datasheet HTML 2Page - Analog Devices ADAV4601BSTZ Datasheet HTML 3Page - Analog Devices ADAV4601BSTZ Datasheet HTML 4Page - Analog Devices ADAV4601BSTZ Datasheet HTML 5Page - Analog Devices ADAV4601BSTZ Datasheet HTML 6Page - Analog Devices ADAV4601BSTZ Datasheet HTML 7Page - Analog Devices ADAV4601BSTZ Datasheet HTML 8Page - Analog Devices ADAV4601BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADAV4601
Rev. B | Page 3 of 60
REVISION HISTORY
9/09—Rev. A to Rev. B
Changes to Table 11 ........................................................................24
Changes to Table 15 ........................................................................31
Changes to Table 16 ........................................................................32
Changes to Table 40 ........................................................................45
Changes to Table 50 ........................................................................51
Changes to Table 51 ........................................................................53
Changes to Table 54 ........................................................................54
4/09—Rev. 0 to Rev. A
Added Advantiv Logo.......................................................................1
Changes to General Description Section .......................................1
Changes to Figure 1...........................................................................3
Changes to Table 2 ............................................................................6
Changes to FILTA and FILTD Section, AVDD Section, and
VDD Section....................................................................................15
Added Power-Up Sequence Section and Figure 22;
Renumbered Sequentially ..............................................................16
Changes to Master Clock Oscillator Section ...............................16
Added Table 6, Table 7, Table 8, Table 9, and Figure 23;
Renumbered Sequentially ..............................................................17
Added Figure 24 ..............................................................................18
Changes to ADC Inputs Section and Figure 25 ..........................18
Added Figure 31 ..............................................................................21
Changes to DAC Voltage Outputs Section, Figure 30, PWM
Outputs Section, Headphone Output Section, and Figure 33...21
Added Figure 36 ..............................................................................22
Changes to Hardware Mute Control Section ..............................22
Added SigmaStudio Pin Assignment Section, Table 10, Table 11,
and Numeric Formats Section.......................................................23
Changes to Application Layer Section .........................................23
Added Figure 38, ROMs and Registers Section, Safe Loading to
Parameter RAM and Target/Slew RAM Section, and Read/Write
Data Formats Section .....................................................................24
Added Target/Slew RAM Section, Table 12, Table 13, and
Table 14.............................................................................................25
Added Figure 39, Figure 40, Figure 41, Figure 42, and
Figure 43...........................................................................................26
Added Figure 44, Figure 45, Figure 46, and Layout
Recommendations Section ............................................................27
Changes to Figure 47 ......................................................................28
Added Figure 48 ..............................................................................29
Added Table 15 to Table 61............................................................30
3/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60